PART |
Description |
Maker |
FAB0109007 |
Fan cooled PSU for embedded railways applicatio
|
Power System Technology
|
PC8260NBSP PC8260 |
The versatile PC8260 PowerQUICC II is particularly useful in communication and networking applicatio From old datasheet system
|
Atmel corp
|
SI-8501LE SI-8502LE SI-8503LE SI-8504LE SI-8505LE |
Separate Excitation Switching Regulator with Coil(12V带线圈分激开关稳压器) 1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DSS5 Separate Excitation Switching Regulator with Coil(3.3V带线圈分激开关稳压器) Separate Excitation Switching Regulator with Coil(5V带线圈分激开关稳压器) Switching Regulator IC with Coil
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
LT1370 LT1370HVCR LT1370CT7 |
500kHz High Efficiency 6A Switching Regulator Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7 Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
GENERLCCOMPONENT SIC401ACD-T1-GE3 8834 575-4 SIC40 |
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO IC SWITCHING REGULATOR, Switching Regulator or Controller
|
Vishay Siliconix
|
L6902D04 L6902D013TR L6902D E-L6902D |
3.2 A SWITCHING REGULATOR, 287 kHz SWITCHING FREQ-MAX, PDSO8 UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
STMICROELECTRONICS[STMicroelectronics]
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
BD9130NV BD9130NV09 BD9130NV-E2 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, DSO8 5 X 6 MM, 1.27 MMPITCH, LEAD FREE, SON-8 Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
BA9737KV A5800964 |
Regulator LSIs > Switching regulator 4-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|